Part Number Hot Search : 
26706 2X062H B290BE KM416 1N5234 MAX6894 7D560 S3C72B7
Product Description
Full Text Search
 

To Download IRFR1N60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91846A
SMPS MOSFET
IRFR1N60A
HEXFET(R) Power MOSFET
Applications l Switch Mode Power Supply ( SMPS ) l Uninterruptable Power Supply l Power Factor Correction Benefits l Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current
VDSS
600V
Rds(on) max
7.0
ID
1.4A
TO-252AA
GDS
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
1.4 0.89 5.6 36 0.28 30 3.8 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns C
Applicable Off Line SMPS Topologies:
l
Low Power Single Transistor Flyback
Notes
through
are on page 9
www.irf.com
1
7/2/01
IRFR1N60A
Static @ TJ = 25C (unless otherwise specified)
V(BR)DSS RDS(on) VGS(th) IDSS IGSS Parameter Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 600 --- 2.0 --- --- --- --- Typ. --- --- --- --- --- --- --- Max. Units Conditions --- V V GS = 0V, ID = 250A 7.0 VGS = 10V, ID = 0.84A 4.0 V VDS = VGS, ID = 250A 25 VDS = 600V, VGS = 0V A 250 VDS = 480V, VGS = 0V, TJ = 150C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 0.88 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 9.8 14 18 20 229 32.6 2.4 320 11.5 130 Max. Units Conditions --- S VDS = 50V, ID = 0.84A 14 ID = 1.4A 2.7 nC VDS = 400V 8.1 VGS = 10V, See Fig. 6 and 13 --- VDD = 250V --- ID = 1.4A ns --- RG = 2.15 --- RD = 178,See Fig. 10 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 480V, = 1.0MHz --- VGS = 0V, VDS = 0V to 480V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
93 1.4 3.6
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.
--- --- ---
Max.
3.5 50 110
Units
C/W
Diode Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 1.4 showing the A G integral reverse --- --- 5.6 S p-n junction diode. --- --- 1.6 V TJ = 25C, IS = 1.4A, VGS = 0V --- 290 440 ns TJ = 25C, IF = 1.4A --- 510 760 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFR1N60A
10
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
I D , Drain-to-Source Current (A)
1
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
0.1
4.5V
4.5V
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 1 10
20s PULSE WIDTH TJ = 150 C
100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10
3.0
ID = 1.4A
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
2.5
TJ = 150 C
2.0
1
1.5
TJ = 25 C
1.0
0.5
0.1 4.0
V DS = 100V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR1N60A
10000
VGS , Gate-to-Source Voltage (V)
V GS = C iss = C rs s = C oss =
0V, f = 1MH z C g s + C g d, C d sSH OR TED C gd C ds + C gd
20
ID = 1.4A VDS = 480V VDS = 300V VDS = 120V
16
C, Capacitance (pF )
1000
C iss
100
12
8
C oss
10
4
C rss
1 1 10 100 1000
A
0 0 2 4 6
FOR TEST CIRCUIT SEE FIGURE 13
8 10 12 14
V D S , D rain-to-S ourc e V oltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
10
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
I D , Drain Current (A)
TJ = 150 C
1
10 10us
100us 1 1ms
TJ = 25 C
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
0.1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms 1000 10000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR1N60A
1.6
VDS VGS
RD
D.U.T.
+
I D , Drain Current (A)
1.2
RG
-VDD
10V
0.8
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
0.4
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature
( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.02 0.01 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR1N60A
1 5V
200
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
D R IV E R
160
ID 0.65A 0.9A BOTTOM 1.4A TOP
RG
20V tp
D .U .T
IA S
+ V - DD
120
A
0 .0 1
80
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
40
0 25 50 75 100 125 150
Starting TJ , Junction Temperature ( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG QGD
V D S a v , Av alanche V oltage (V)
770
750
Charge
730
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
710
50K 12V .2F .3F
690
D.U.T. VGS
3mA
+ V - DS
670 0.0 0.4 0.8 1.2 1.6
A
I av , Av alanche Current (A)
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 12d. Typical Drain-to-Source Voltage Vs. Avalanche Current
6
www.irf.com
IRFR1N60A
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRFR1N60A
Package Outline
TO-252AA Outline Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1 .0 2 (.0 4 0 ) 1 .6 4 (.0 2 5 ) 1 2 3 -B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 3X 1 .1 4 (.0 4 5 ) 2 X 0 .7 6 (.0 3 0 ) 2 .2 8 (.0 9 0 ) 4 .5 7 (.1 8 0 ) 0 .8 9 (.0 3 5 ) 0 .6 4 (.0 2 5 ) 0 .2 5 (.0 1 0 ) M AMB 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 ) 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 ) 2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 )
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - SOURCE 4 - D R A IN
0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) N O TE S : 1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
Part Marking Information
TO-252AA (D-PARK)
E XA M P L E : TH IS IS A N IR F R 1 2 0 W IT H A S S E M B L Y LOT COD E 9U1P
IN TE R N A TIO N A L R E C T IF IE R LOG O
A
IR F R 120 9U 1P
F IR S T P O R T IO N O F PA RT NUM B ER
A SSEMB LY LO T COD E
S E C O N D P O R TIO N O F P ART NU M B ER
8
www.irf.com
IRFR1N60A
Tape & Reel Information
TO-252AA
TR TRR TRL 1 6 .3 ( .6 4 1 ) 1 5 .7 ( .6 1 9 ) 1 6 .3 ( .6 4 1 ) 1 5 .7 ( .6 1 9 )
1 2 .1 ( .4 7 6 ) 1 1 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 )
F E E D D IR E C T IO N
NO TES : 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S ( IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
1 3 IN C H
16 m m N O TE S : 1 . O U T L IN E C O N F O R M S T O E IA -4 8 1 .
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 95mH
RG = 25, IAS = 1.4A. (See Figure 12)
ISD 1.4A, di/dt 180A/s, VDD V(BR)DSS,
TJ 150C ** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 7/01
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRFR1N60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X